PART |
Description |
Maker |
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTA123YT215 PDTA123YE |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PUMB19 PEMB19 |
PEMB19; PUMB19; PNP/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
PEMB30 |
PNP/PNP double resistor-equipped transistors
|
Philips Semiconductors
|
PDTA143XE PDTA143XK |
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors
|
PDTA123EMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA124EK |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|